Part Number Hot Search : 
AT27C B5551 MAX2720 10800 ALVC16 M29W008B GM2110 KDS128E
Product Description
Full Text Search
 

To Download FR607G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
FR601G THRU FR607G
FAST RECOVERY PLASTIC RECTIFIER
VOLTAGE50-1000V CURRENT6.0A
FEATURES
*Fast switching *Low leakage *Low forward voltage drop *High current capability *High surge capability *High reliability
R-6
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 0.38 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. FR6
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Current at TA=75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 6.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA=25C
VRRM VRMS VDC Io IFSM VF
01G 50 35 50
FR6 02G 100 70 100
FR6 03G 200 140 200
FR6 04G 400 280 400
6.0 200 1.3 10
FR6 05G 600 420 600
FR6 06G 800 560 800
FR6 units 07G 1000 V 700 V 1000 V
A A V
Maximum Full Load Reverse Current Full Cycle Average,.375"(9.5mm) lead length at TL=55C trr Maximum Reverse Recovery Time (Note 1) CJ Typical Junction Capacitance (Note 2) Notes: 1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0 volts
IR
A 150 150 65 250 500 nS pF
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of FR607G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X